Part Number Hot Search : 
016QB8 VP2006B TMXW324 AK2330 RF380206 25FU106B S1610 HPR123
Product Description
Full Text Search
 

To Download PNP-2950-L22-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 3 optimum technology matching? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt functional block diagram rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2012, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . ordering information bifet hbt ldmos PNP-2950-L22-G plug-n-play narrowband synthesizer rfmd offers complete plug-n-play synthesi zers (pnps) for low noise frequency syn- thesizer applications consisting of a vco, pll, loop filter and micro-controller inter- face. the pnp family of rf signal sources is the world's first family of truly configurable frequency synthesizer module s. these synthesizers can make quick adjustments with amazing accu racy, speed, and performance. features ? internal microcontroller ? programmable start/stop/step size ? spi bus compatible ? frequency: 2900mhz to 3000mhz ? resonator: microstrip ? pcb: rogers ? package size: 12.7mm x 12.7mm x 4.57mm (0.5in x 0.5in x 0.18in) applications ? highly integrated radio designs ? high-performance radios ? mircrowave radio if conversion ? instrumentation ? frequency synthesizers ds110901 ? package: l22, 12.7mm x 12.7mm x 4.57mm pnp-2950- l22-gplug-n- play narrow- band synthe- sizer PNP-2950-L22-G contact us at 1-480-756-6070
2 of 3 PNP-2950-L22-G ds110901 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . absolute maximum ratings parameter rating unit operating ambient temperature -40 to +85 c storage temperature -55 to +125 c parameter specification unit condition min. typ. max. overall frequency range 2900 3000 mhz step size 25 10000 khz output power -2 0 2 dbm output phase noise -88 -83 dbc/hz 1khz -103 -97 dbc/hz 10khz -126 -122 dbc/hz 100khz -146 -142 dbc/hz 1000khz spurious product -80 -70 dbc 10000khz step size -70 -60 dbc 25khz step size reference feedthrough -70 -65 dbc second harmonic -18 -12 dbc reference oscillator signal 10 20 250 mhz frequency 03.3v p-p amplitude - dc coupled power supply operating voltage 4.9 5 5.1 v v1 2.7 3 3.3 v v2 supply current 35 40 ma i1 25 35 ma i2 notes: 1) reference input level: -5dbm minimum, +5dbm maximum, ac coupled. 2) specification test conditions: v1 = 5v, v2 = 3v, ref = 20mhz. caution! esd sensitive device. exceeding any one or a combination of the absolute maximum rating conditions may cause permanent damage to the device. ex tended application of absolute maximum rating conditions to the device may reduce device reliability. specified typical perfor- mance or functional operation of the devi ce under absolute maximum rating condi- tions is not implied. the information in this publication is believed to be accurate and reliable. however, no responsibility is assumed by rf micro devices, inc. ("rfmd") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. no license is granted by implication or otherwise under any patent or patent rights of rfmd. rfmd reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. rohs (restriction of hazardous subs tances): compliant per eu directive 2002/95/ec.
3 of 3 PNP-2950-L22-G ds110901 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or customerservice@rfmd.com . package drawing & pin outs 12.7mm x 12.7mm x 4.57mm (0.5in x 0.5in x 0.18in)


▲Up To Search▲   

 
Price & Availability of PNP-2950-L22-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X